Part Number Hot Search : 
BD390T 78L05 LE35ABZ MAX7450 GS832 B1205 PG493309 ST7277
Product Description
Full Text Search
 

To Download 11DQ06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 11DQ03 - 11DQ10
PRV : 30 - 100 Volts IO : 1.1 Ampere
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Low cost Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
DO - 41
0.107 (2.74) 0.080 (2.03)
1.00 (25.4) MIN.
0.205 (5.20) 0.160 (4.10)
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at Ambient Temperature Maximum Peak Forward Surge Current single half sine wave superimposed on rated load Maximum Forward Voltage at IF = 1.1 A Maximum Reverse Current at Rated DC Blocking Voltage Junction Temperature Range Storage Temperature Range TJ = 125 C
SYMBOL
VRRM VRMS VDC IF(AV) Ta IFSM VF IR TJ TSTG
11DQ 11DQ 11DQ 11DQ 11DQ 11DQ 03 04 05 06 09 10
30 21 30 40 28 40 50 35 50 1.1 58 42 0.52 6 40 26 0.56 11 - 40 to + 125 - 65 to + 150 25 42 0.74 6 60 42 60 90 63 90 100 70 100
UNIT
V V V A C A V mA C C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 11DQ03 - 11DQ10 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1.25 11DQ03 - 11DQ04 1.00 11DQ05 - 11DQ06 0.75
FIG.2 - MAXIMUM FORWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT, AMPERES
40 11DQ03 - 11DQ04 11DQ09 - 11DQ10 30
0.50 11DQ09 - 11DQ10 0.25
20 11DQ05 - 11DQ06 10
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
10 11DQ03 - 11DQ04 TJ = 100 C 11DQ09 - 11DQ10
10
REVERSE CURRENT, MILLIAMPERES
1.0
11DQ05 - 11DQ06 1.0
0.1
TJ = 25 C
TJ = 100 C 0.01 0 0.1 0.1 20 40 60 80 10 0 12 0 14 0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 11DQ06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X